PART |
Description |
Maker |
Z8F0423HH005EC Z8F0423HH005SC Z8F0413SH005EC Z8F04 |
IC ENCORE MCU FLASH 4K 20SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 20SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO20 IC ENCORE MCU FLASH 4K 28SOIC 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 20DIP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP20 IC ENCORE MCU FLASH 2K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 8K 28-SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28 IC ENCORE MCU FLASH 1K 28SSOP 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
SST89V516RD2-33-I-TQJE SST89V516RD2-33-I-NJE SST89 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 FlashFlex MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, QCC40 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44
|
Silicon Storage Technology, Inc.
|
MC68HC805B6 |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
MPC5604B MPC5604B10 MPC5604C MPC5603BF1CLL4 MPC560 |
32-bit MCU family built on the Power Architecture for automotive MICROCONTROLLER, PQFP100 MICROCONTROLLER, PQFP64
|
Freescale Semiconductor, Inc FREESCALE SEMICONDUCTOR INC
|
ST6225CM6 ST6215CB3 ST6225CB3 ST6225CM1 ST62P15CB3 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, A/D CONVERTER, OSCILLATOR SAFEGARD, SAFE RESET AND 28 PINS 8-bit MCU with 8-bit A/D converter, two timers, oscillator safeguard & safe reset, 64 b RAM, 4Kb ROM, 8MHz, low voltage
|
ST Microelectronics SGS Thomson Microelectronics
|
ADUC841BCP8-3 ADUC841BCP8-5 ADUC842BCP8-3 ADUC842B |
Precision Analog Microcontroller: 20MIPS 8052 Flash MCU 8-Ch 12-Bit ADC Dual 12-Bit DAC Precision Analog Microcontroller: 16MIPS 8052 Flash MCU 8-Ch 12-Bit ADC Dual 12-Bit DAC
|
Analog Devices
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
W78C32C W78C32C-24 W78C32C-40 W78C32CF-24 W78C32CF |
From old datasheet system 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 40 MHz, MICROCONTROLLER, PQFP44 FUSE 2A00 250V 5.0X20 MM S CR 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-BIT MICROCONTROLLER 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
WINBOND[Winbond] Winbond Electronics Corp Winbond Electronics, Corp.
|
ADUC7122 |
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI? MCU Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI垄莽 MCU
|
Analog Devices
|
ST72141K2M6 ST72141K2B6 ST72141K2 ST72141K ST72141 |
8-BIT MCU WITH ELECTRIC-MOTOR CONTROL, ADC, 16-BIT TIMERS, SPI INTERFACE 8-BIT MICROCONTROLLER (MCU) FOR ELECTRIC-MOTOR CONTROL WITH 8K ROM/OTP/EPROM, 256 BYTES RAM,ADC, WDG, SPI & 2 TIMERS, SDIP32-SO34
|
STMICROELECTRONICS[STMicroelectronics]
|
|